Part Number Hot Search : 
MP9943 37324 27291SL H040C D2010 R1600 FSH10A09 31030
Product Description
Full Text Search
 

To Download IXFN102N30P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 ixys all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 150 c 300 v v dgr t j = 25 c to 150 c; r gs = 1 m 300 v v gs continuous 20 v v gsm transient 30 v i d25 t c = 25 c86a i l lead current limit, rms 100 a i dm t c = 25 c, pulse width limited by t jm 250 a i ar t c = 25 c88a e ar t c = 25 c60mj e as t c = 25 c5j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 10 v/ns t j 150 c, r g = 4 p d t c = 25 c 570 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c v isol 50/60 hz, rms t = 1 min 2500 v~ i isol 1 ma t = 1 s 3000 v~ m d mounting torque 1.5 / 13 nm/lb.in. terminal connection torque 1.5 / 13 nm/lb.in. weight 30 g ds99248e(06/06) symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. bv dss v gs = 0 v, i d = 250 a 300 v v gs(th) v ds = v gs , i d = 4 ma 2.5 5.0 v i gss v gs = 20 v dc , v ds = 0 200 na i dss v ds = v dss 25 a v gs = 0 v t j = 125 c 250 a r ds(on) v gs = 10 v, i d = 0.5 i d25, note 1 33 m n-channel enhancement mode avalanche rated fast intrinsic diode ixfn 102n30p v dss = 300 v i d25 = 86 a r ds(on) 33 m t rr 200 ns polarhv tm hiperfet power mosfet g d s s minibloc, sot-227 b (ixfn) e153432 g = gate d = drain s = source either source terminal s can be used as the source terminal or the kelvin source (gate return) terminal. features z international standard package z encapsulating epoxy meets ul 94 v-0, flammability classification z minibloc with aluminium nitride isolation z fast recovery diode z unclamped inductive switching (uis) rated z low package inductance - easy to drive and to protect advantages z easy to mount z space savings z high power density
ixys reserves the right to change limits, test conditions, and dimensions. IXFN102N30P symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 20 v; i d = 0.5 i d25 , note 1 45 57 s c iss 7500 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 1150 pf c rss 230 pf t d(on) 30 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = 60 a 28 ns t d(off) r g = 3.3 (external) 130 ns t f 30 ns q g(on) 224 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 50 nc q gd 110 nc r thjc 0.22 c/w r thcs 0.05 c/w source-drain diode characteristic values (t j = 25 c unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 102 a i sm repetitive 250 a v sd i f = i s , v gs = 0 v, note 1 1.5 v t rr i f = 25 a, -di/dt = 100 a/ s 200 ns q rm v r = 100 v, v gs = 0 v 0.8 c i rm 6a notes: 1. pulse test, t 300 s, duty cycle d 2 % ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 6,759,692 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 sot-227b outline
? 2006 ixys all rights reserved fig. 2. exte nde d output characte ris tics @ 25 o c 0 25 50 75 100 125 150 175 200 225 250 0 2 4 6 8 101214161820 v ds - volts i d - amperes v gs = 10v 9v 7v 6v 8v 5v fig. 3. output characteristics @ 125 o c 0 10 20 30 40 50 60 70 80 90 100 110 01234 56789 v ds - volts i d - amperes v gs = 10v 9v 8v 5v 6v 7v fig. 1. output characteristics @ 25 o c 0 10 20 30 40 50 60 70 80 90 100 110 00.511.5 22.533.54 v ds - volts i d - amperes v gs = 10v 9v 8v 7v 6v 5v fig. 4. r ds(on ) norm alize d to i d = 51a value vs. junction tem perature 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds(on) - normalized i d = 102a i d = 51a v gs = 10v fig. 5. r ds(on) norm alize d to i d = 51a value vs. drain current 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 0 25 50 75 100 125 150 175 200 225 250 i d - amperes r ds( on) - normalized t j = 125oc t j = 25oc v gs = 10v fig. 6. drain curre nt vs . cas e tem perature 0 10 20 30 40 50 60 70 80 90 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes
ixys reserves the right to change limits, test conditions, and dimensions. IXFN102N30P fig. 11. capacitance 100 1000 10000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 25 50 75 100 125 150 175 200 225 q g - nanocoulombs v g s - volts v ds = 150v i d = 51a i g = 10m a fig. 7. input adm ittance 0 25 50 75 100 125 150 3.5 4 4.5 5 5.5 6 6.5 7 7.5 v gs - volts i d - amperes t j = 125oc 25oc -40oc fig. 8. transconductance 0 10 20 30 40 50 60 70 80 90 100 0 25 50 75 100 125 150 175 200 i d - amperes g fs - siemens t j = -40oc 25oc 125oc fig. 9. source curre nt vs . source-to-drain voltage 0 50 100 150 200 250 300 0.4 0.6 0.8 1 1.2 1.4 v sd - volts i s - amperes t j = 125oc t j = 25oc fig. 12. forw ard-bias safe operating area 1 10 100 1000 10 100 1000 v ds - volts i d - amperes 100s 1ms dc t j = 150oc t c = 25oc r ds(on) limit 10ms 25s
? 2006 ixys all rights reserved fig. 13. maximum transient thermal resistance 0.001 0.010 0.100 1.000 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds r (th)jc - oc/w


▲Up To Search▲   

 
Price & Availability of IXFN102N30P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X